Part Number Hot Search : 
P811T 166AXI SM532 DA7293 TE2395 ISP1048E TLMD310 SC9822P
Product Description
Full Text Search
 

To Download ML63611A-XXXWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OKI Semiconductor ML63611A
GENERAL DESCRIPTION
FEDL63611A-01
Issue Date: Jan. 28, 2004
4-Bit Microcontroller that Operates under Ultra-Low Supply Current, with RC Oscillation Type A/D Converter Built-In
The ML63611A is a CMOS 4-bit microcontroller using Oki's original CPU core nX-4/250. The ML63611A is provided with the mask options of eight items of selection including (1.5 V or 3.0 V) power supply specifications and (With or Without) the regulator circuit for the LCD bias reference voltage. When a 3.0 V power supply specification is selected, the halver circuit can be used to decrease power consumption. The halver circuit cannot be used when a 1.5 V power supply specification is selected. When "With the regulator circuit for the LCD bias reference voltage" is selected, the LCD bias reference voltage will be generated based on the output voltage of the regulator circuit. When "Without the regulator circuit for the LCD bias reference voltage" is selected, the LCD bias reference voltage will be generated based on the power supply voltage; for this reason, the LCD bias voltage decreases as the power supply voltage decreases, causing the display density of the LCD panel to thin down. The ML63611A has incorporated in it an 8K-word program memory, a 1K-nibble data memory, four input ports, four output ports (only when the mask option of LCD driver pins is selected), 16 I/O ports, a melody circuit, a serial port, four 8-bit timers, and a 64-segment LCD driver (60 segment lines and 4 common lines, max.). (A part of the SEG pins can also be selected as output port pins or COM pins depending on the mask option.)
!
Note:
In this datasheet, for convenience of description, the symbols OPTION A, OPTION B, OPTION C, and OPTION D are used in accordance with the mask option selection of a power supply specification (1.5 V or 3.0 V) and the regulator circuit for the LCD bias reference voltage (With or Without), as shown below. * OPTION A: * OPTION B: * OPTION C: * OPTION D: 1.5 V power supply specification (halver circuit disabled), without the regulator circuit for the LCD bias reference voltage 1.5 V power supply specification (halver circuit disabled), with the regulator circuit for the LCD bias reference voltage 3.0 V power supply specification (halver circuit enabled), without the regulator circuit for the LCD bias reference voltage 3.0 V power supply specification (halver circuit enabled), with the regulator circuit for the LCD bias reference voltage
FEATURES
The ML63611A has the following features. a. Extensive instruction set * 407 instructions Transfer, rotate, increment/decrement, arithmetic operations, compare, logic operations, mask operations, bit operations, ROM table reference, stack operations, flag operations, jump, conditional branch, call/return, control b. Wide variety of addressing modes * Indirect addressing mode for 4 types of data memory with current bank register, extra bank register, HL register and XY register * Data memory bank internal direct addressing mode
1/49
FEDL63611A-01
OKI Semiconductor
ML63611A
c. Processing speed * 2 clocks per machine cycle, with most instructions executed in 1 machine cycle * Minimum instruction execution time: 61 s (@ 32.768 kHz system clock) 10 s (@ 200 kHz system clock) 2.86 s (@ 700 kHz system clock) d. Clock generator circuit * Low-speed clock: Crystal oscillation (32.768 kHz) * High-speed clock: OPTION A, OPTION B: RC oscillation (200 kHz max.) OPTION C, OPTION D: Ceramic oscillation or RC oscillation selected with software (700 kHz max.) e. Program memory space * 8K words * The basic instruction length is 16 bits per word. f. Data memory space * 1024 nibbles g. Stack level * Call stack level: 16 * Register stack level: 16 h. Ports Input port (Port 0.0 to Port 0.3): Selectable as input with pull-up resistor/high-impedance input Provided with the reset function that resets the system when there is a simultaneous key depression of multiple bits (2, 3, or 4 bits). Output port: Selectable as N-channel open drain output/CMOS output Enabled only when the SEG pins (L32 to L35) are selected as the output port by the mask option. Input-output port (Port A.0 to Port A.3, Port B.0 to Port B.3, Port C.0 to Port C.3, Port E.0 to Port E.3): Selectable as input with pull-up resistor/input with pull-down resistor/high-impedance input Selectable as P-channel open drain output/N-channel open drain output/CMOS output/high-impedance output Number of ports: Input ports Output ports Input-output ports Chip products 1 port x 4 bits 1 port x 4 bits 4 ports x 4 bits (mask option) i. Melody output * Melody frequency: * Tone length: * Tempo: * Melody data: * Buzzer driver signal output:
529 Hz to 2979 Hz (@ 32.768 kHz) 63 varieties 15 varieties Stored in program memory 4 kHz (@ 32.768 kHz)
2/49
FEDL63611A-01
OKI Semiconductor
ML63611A
j. LCD driver Segment-type LCD drivers built-in The following pin modes can be specified for L0 to L63 by the mask option generator setting. (Refer to the "MOGTOOL Mask Option Generator User's Manual".) " " in the table below indicates that that particular function can be selected.
L0 to L3 SEG Pins COM Pins Output Port Pins *1 -- L4 to L31 -- -- L32 to L35 -- *2 L36 to L39 *1 -- L40 to L63 -- --
*1 *2
Can be selected as a COM pin in 1-bit unit (L0 to L3, L36 to L39). A maximum of four pins can be selected as COM pins. Can be selected as an output port in 4-bit unit (L32 to L35). N-channel open drain output or CMOS output can be specified for each bit. 64 (60 SEG. x 4 COM. Max.) 1/1 to 1/4 duty (fixed to 1/2 duty when at 1/2 bias) Selectable as 1/2 or 1/3 bias (Selectable by the mask option. Refer to the Mask Option Generator User's Manual".) OPTION B, OPTION D: Regulator circuit used (0.95/1.90/2.85 V) OPTION A, OPTION C: Regulator circuit not used (directly connected to the power supply voltage (1.5/3.0/4.5 V)) : 64 Hz (at 1/1, 1/2, 1/4 duty), 85.3 Hz (at 1/3 duty) : OPTION B, OPTION D: Adjustable up to 16 levels (in steps of 0.03 V) OPTION A, OPTION C: Adjustment not available : Selectable as all-ON mode/all-OFF mode/power down mode/normal display mode
Number of segments : Duty : Bias : "MOGTOOL
Frame frequency Contrast Display modes
k. RC oscillation type A/D converter * 2 channels (time sharing is used) l. System reset function * System reset by RESET pin (2 kHz sampling function provided) * System reset that resets the system when the combined bits (2, 3, or 4 bits) of the input port (Port 0) are all set to a "H" level (Whether system reset is disabled or enabled, the number of bits to be combined, and the polarity can be specified by mask option. Refer to the "MOGTOOL Mask Option Generator User's Manual".) 2 bits : P0.0, P0.1 3 bits : P0.0, P0.1, P0.2 4 bits : P0.0, P0.1, P0.2, P0.3 m. Battery check * Applies to the OPTION C and OPTION D. Does not apply to the OPTION A and OPTION B. * Function that detects battery low voltage * Selection of judgment voltage by software (LD1 and LD0 bit settings of BLDCON) * Judgment voltage 1.80 0.10 V, 2.00 0.10 V,2.40 0.10 V, 2.60 0.10 V(Ta = 25C)
3/49
FEDL63611A-01
OKI Semiconductor
ML63611A
n. Timers, counters * 8-bit timer: * * * mode Watchdog timer: 100 Hz timer: 15-bit TBC:
4 channels Selectable as auto-reload mode, capture mode, clock frequency measurement 1 channel 1 channel 1/100 sec. measurement possible 1 channel 1 Hz, 2 Hz, 4 Hz, 8 Hz, 16 Hz, 32 Hz, 64 Hz, 128 Hz signals can be read
o. Serial port * Mode: UART mode, synchronous mode * Communication speed in UART mode: 1200 bps, 2400 bps, 4800 bps, 9600 bps * Clock frequency in synchronous mode: 32.768 kHz (internal clock mode); external clock frequency * Data length: 5 to 8 bits p. Interrupt factors * External interrupt (4 sources) : Selectable as rising edge/falling edge/both rising and falling edges * Internal interrupt (14 sources) : Watchdog timer interrupt x 1 Melody end interrupt x 1 ADC interrupt x 1 Timer interrupt x 4 Serial port reception interrupt x 1 Serial port transmission interrupt x 1 1/100 timer (10 Hz) interrupt x 1 Time base interrupt x 4 (2, 4, 16, and 32 Hz) q. Operating temperature * -20 to +70C r. Power supply voltage OPTION A, OPTION B (1.5 V versions): 1.3 to 1.7 V Note: The operation will only be at the battery voltage and no voltage halver circuit can be used. OPTION C, OPTION D (3.0 V versions): 1.8 to 3.6 V Note: It is possible to select by software to use the output of the halver circuit as the power supply of the voltage regulator circuit when the battery voltage is in the range 2.4 to 3.6 V, and to use the battery voltage itself as the power supply of the voltage regulator circuit when the battery voltage is in the range 1.8 to 2.4 V. It is possible to detect whether the battery voltage is 2.4 V or 1.8 V using the BLD function. * When the halver circuit is ON: 2.4 to 3.6 V * When the halver circuit is OFF: 1.8 to 2.4 V
4/49
FEDL63611A-01
OKI Semiconductor
ML63611A
s. Supply current * In the HALT mode, with the LCD display OFF, low-speed operation, -20 to +70C: OPTION A (1.5 V power supply specification, without the regulator circuit for the LCD reference voltage): Typ. 1.4 A / Max. 2.8A OPTION B (1.5 V power supply specification, with the regulator circuit for the LCD reference voltage): Typ. 1.6 A / Max. 3.0A OPTION C (3.0 V power supply specification, without the regulator circuit for the LCD reference voltage): Typ. 0.53 A / Max. 1.2A OPTION D (3.0 V power supply specification, with the regulator circuit for the LCD reference voltage): Typ. 0.70 A / Max. 1.4A t. Packages available Package Chip (116-pad) Product name ML63611A-XXXWA (Here, `xxx' denotes the code number.)
bias bias bias bias
5/49
FEDL63611A-01
OKI Semiconductor
ML63611A
MASK OPTIONS
There are nine items in the mask option of the ML63611A. Make the settings for the following items using the MOGTOOL mask option generator. Refer to the "MOGTOOL Mask Option Generator User's Manual" for details of the method of making the settings. 1) Selection of power supply voltage Select a power supply specification for the power supply voltage to be used as either a 1.5 V power supply specification (1.3 to 1.7 V) or a 3.0 V power supply specification (1.8 to 3.6 V).
!
2)
Note:
When a 1.5 V power supply specification (OPTION A and OPTION B) is selected, the halver circuit and the battery low detect circuit cannot be used.
Selection of the regulator circuit for the LCD bias reference voltage Select the LCD bias reference voltage as either the output of the regulator circuit or the power supply voltage.
!
Note:
When power is supplied from the battery: When "Without the regulator circuit for the LCD bias reference voltage" is selected with the mask option, the LCD bias reference voltage will be generated based on the power supply voltage. When a 1.5 V power supply specification is selected, VDD1 will be the pin for the LCD bias reference voltage, and when a 3.0 V power supply specification is selected, VDD2 will be the pin for the LCD bias reference voltage. In addition, the LCD bias voltage will decrease as the power supply voltage decreases, causing the display density of the LCD panel to thin down. When "With the regulator circuit for the LCD bias reference voltage" is selected, the display density will be kept constant even if the battery voltage decreases.
3)
Selection of the initial state of Port 0 Select the initial state of Port 0 as either "input with pull-down resistor" or "input with pull-up resistor". This selection determines the initial value of P0PUD (P0CON1).
!
4)
Note:
This selection applies to all four bits and it is not possible to make this selection separately for each bit.
Selection of simultaneous key depression reset function of Port 0 Select the simultaneous key depression reset function and the number of bits (pins) that can be pressed simultaneously. The pins that are set according to the number of bits pressed simultaneously are fixed as follows: 2 bits: P0.0, P0.1; 3 bits: P0.0, P0.1, P0.2; 4 bits: P0.0, P0.1, P0.2, P0.3.
!
5)
Note:
The system reset mode will be entered at the second falling edge of the 1 Hz signal.
Selection of MDB pin output voltage level Select whether to make the output voltage level of the melody output pin (MDB: negative logic) either VDD or VSS when the melody is OFF.
6/49
FEDL63611A-01
OKI Semiconductor
ML63611A
6)
SEG/COM/PORT/DATA selection of the LCD driver pins It is possible to make the pins L0 to L3 and L36 to L39 either SEG pins or COM pins. However, it is a maximum of four pins that can be selected as COM pins. It is possible to make the pins L32 to L35 either SEG pins or output port pins. The pins L4 to L31 and L40 to L63 are always SEG pins. The segment register corresponding to the pins L0 to L63 can also be used as a DATA area.
!
Notes:
* When the selection is made as output port pins, the selection applies to all four bits. * When the segment register is selected as the DATA area, the corresponding pins will still be outputting the segment waveforms, and hence should be left open.
7)
Selection of the register address and data of the LCD driver pins The allocation of the register address and data is set for each LCD driver pin.
!
8)
Note:
It is not possible to make multiple settings for the same address and the same bit.
Selection of whether or not to detect stoppage of low-speed clock oscillations Select whether or not to detect stoppage of the low-speed clock oscillations and to transfer to the system reset mode. Selection of the LCD bias 1/3 or 1/2 bias is selected for the LCD bias.
9)
!
Note:
The setting of the mask option should match the setting of bit 3 of display control register 0. Otherwise, normal waveforms are not output.
7/49
FEDL63611A-01
OKI Semiconductor
ML63611A
BLOCK DIAGRAM
Figures 1 through 4 show the block diagram of OPTION A to D Asterisks (*) indicate the port secondary functions.
CPU CORE : nX-4/250
TIMING CONTROL SP RSP
STACK CAL.S:16 levels REG.S:16 levels
CBR EBR
H X ALU
L Y C
RA A G MIE Z
PC
ROM (8 KW)
BUS CONTROL
INSTRUCTION DECODER
IR INT 4 TM0CAP/TM1CAP* TM0OVF/TM1OVF* T02CK* T13CK* RXC* TXC* RXD* TXD* MD MDB
RAM (1 KN)
TIMER (8-bit, 4ch)
INT INT 4
INT 2 SIO (Sync/Async)
RESET
RST
TBC DATA BUS
INT 1 MELODY
TST1 TST2 HSCLK* OSC0 OSC1 TBCCLK* XT0 XT1 VDD3 VDD2 VDD1 C1 C2
TST
OSC
INT 100HzTC 1 INT 1
INT 1
INPUT PORT OUTPUT PORT
P0.0 to P0.3
WDT
LP0.0 to LP0.3 (mask option of LCD segments) PA.0 to PA.3 PB.0 to PB.3 PC.0 to PC.3 PE.0 to PE.3 L0 to L63
XT
V/R2 INT 3
I/O PORT
BIAS
LCD & DSPR
VDD (open) VHF (open) HC1 (open) HC2
V/H
V/R1
VCH INT 1
ADC
VSS
RT0 CRT0 RS0 CS0 IN0 RT1 RS1 CS1 IN1 MON*
Figure 1 OPTION A Block Diagram
8/49
FEDL63611A-01
OKI Semiconductor
ML63611A
CPU CORE : nX-4/250
TIMING CONTROL SP RSP
CBR EBR
H X ALU
L Y C
RA A G MIE Z
PC
ROM (8 KW)
BUS CONTROL
STACK CAL.S:16 levels REG.S:16 levels
INSTRUCTION DECODER
IR INT 4 TM0CAP/TM1CAP* TM0OVF/TM1OVF* T02CK* T13CK* RXC* TXC* RXD* TXD* MD MDB
RAM (1 KN)
TIMER (8-bit, 4ch)
INT INT 4
INT 2 SIO (Sync/Async)
RESET
RST
TBC DATA BUS
INT 1 MELODY
TST1 TST2 HSCLK* OSC0 OSC1 TBCCLK* XT0 XT1 VDD3 VDD2 VDD1 C1 C2
TST
OSC
INT 100HzTC 1 INT 1
INT 1
INPUT PORT OUTPUT PORT
P0.0 to P0.3
WDT
LP0.0 to LP0.3 (mask option of LCD segments) PA.0 to PA.3 PB.0 to PB.3 PC.0 to PC.3 PE.0 to PE.3 L0 to L63
XT
V/R2 INT 3
I/O PORT
BIAS V/R3
LCD & DSPR
VDD (open) VHF (open) HC1 (open) HC2
V/H
V/R1
VCH INT 1
ADC
VSS
RT0 CRT0 RS0 CS0 IN0 RT1 RS1 CS1 IN1 MON*
Figure 2 Option B Block Diagram
9/49
FEDL63611A-01
OKI Semiconductor
ML63611A
CPU CORE : nX-4/250
TIMING CONTROL SP RSP
STACK CAL.S:16 levels REG.S:16 levels
CBR EBR
H X ALU
L Y C
RA A G MIE Z
PC
ROM (8 KW)
BUS CONTROL
INSTRUCTION DECODER
IR INT 4 TM0CAP/TM1CAP* TM0OVF/TM1OVF* T02CK* T13CK* RXC* TXC* RXD* TXD* MD MDB
RAM (1 KN)
TIMER (8-bit, 4ch)
INT INT 4
INT 2 SIO (Sync/Async)
RESET
RST
TBC DATA BUS
INT 1 MELODY
TST1 TST2 HSCLK* OSC0 OSC1 TBCCLK* XT0 XT1 VDD3 VDD2 VDD1 C1 C2
TST
BLD INT 100HzTC 1 INT 1
OSC
INT 1
INPUT PORT OUTPUT PORT
P0.0 to P0.3
WDT
LP0.0 to LP0.3 (mask option of LCD segments) PA.0 to PA.3 PB.0 to PB.3 PC.0 to PC.3 PE.0 to PE.3 L0 to L63
XT
V/R2 INT 3
I/O PORT
BIAS
LCD & DSPR
VHF HC1 HC2
V/H (use/nonuse selected by software)
V/R1
VCH INT 1
ADC
VSS
RT0 CRT0 RS0 CS0 IN0 RT1 RS1 CS1 IN1 MON*
Figure 3 Option C Block Diagram
10/49
FEDL63611A-01
OKI Semiconductor
ML63611A
CPU CORE : nX-4/250
TIMING CONTROL SP RSP
STACK CAL.S:16 levels REG.S:16 levels
CBR EBR
H X ALU
L Y C
RA A G MIE Z
PC
ROM (8 KW)
BUS CONTROL
INSTRUCTION DECODER
IR INT 4 TM0CAP/TM1CAP* TM0OVF/TM1OVF* T02CK* T13CK* RXC* TXC* RXD* TXD* MD MDB
RAM (1 KN)
TIMER (8-bit, 4ch)
INT INT 4
INT 2 SIO (Sync/Async)
RESET
RST
TBC DATA BUS
INT 1 MELODY
TST1 TST2 HSCLK* OSC0 OSC1 TBCCLK* XT0 XT1 VDD3 VDD2 VDD1 C1 C2
TST
BLD INT 100HzTC 1 INT 1
OSC
INT 1
INPUT PORT OUTPUT PORT
P0.0 to P0.3
WDT
LP0.0 to LP0.3 (mask option of LCD segments) PA.0 to PA.3 PB.0 to PB.3 PC.0 to PC.3 PE.0 to PE.3 L0 to L63
XT
V/R2 INT 3
I/O PORT
BIAS V/R3
LCD & DSPR
VHF HC1 HC2
V/H (use/nonuse selected by software)
V/R1
VCH INT 1
ADC
VSS
RT0 CRT0 RS0 CS0 IN0 RT1 RS1 CS1 IN1 MON*
Figure 4 Option D Block Diagram
11/49
FEDL63611A-01
OKI Semiconductor
ML63611A
PAD CONFIGURATION
The ML63611A chip pin configuration and the pad coordinates are shown in Figure 5 and Table 1, respectively.
66 L33 L4 L5 L6 L7 L8 L9 L10 L11 L12 L13 L14 L15 L16 L17 L18 L19 L20 L21 L22 L23 L24 L25 L26 L27 L28 L29 L30 L31 L3 L2 L1 L0 TRIMB5 TRIMB4 TRIMB3 TRIMDB1 TRIMB2 TRIMB1 TRIMB0 TRIMDB2 TRIM3 TRIM2 TRIMD TRIM1 TRIM0 VDD1 VDD2 VDD3 C1 C2 VCH VXT VHF HC1 HC2 VSS OSC1 OSC0 RESET XT1 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 No-connection pads 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 L32
Y X
( 0.0 )
ML63611
XT0 128 VDD 129
65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
L34 L35 VSS PE.3 PE.2 PE.1 PE.0 PC.3 PC.2 PC.1 PC.0 PB.3 PB.2 PB.1 PB.0 PA.3 PA.2 PA.1 PA.0 P0.3 P0.2 P0.1 P0.0 MDB MD TST2 TST1 VDD RT1 RS1 CS1 IN1 IN0
Figure 5 ML63611A Chip Pin Configuration (Top View)
L63 L62 L61 L60 L59 L58 L57 L56 L55 L54 L53 L52 L51 L50 L49 L48 L47 L46 L45 L44 L43 L42 L41 L40 L39 L38 L37 L36 RT0 CRT0 RS0 CS0
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Chip Size Chip Thickness Coordinate Origin Pad Hole Size Pad Size
: 5.20 mm x 5.20 mm : 350 m (typ.) (280 m: available as required) : Chip center : 80 m x 80 m : 90 m x 90 m
Minimum Pad Pitch : 115 m Number of bonding pads: 116 (total number of pads: 129)
Notes: The chip substrate voltage is VSS. Do not bond pins 100 to 112 (marked by "
"). Leave them open.
12/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Table 1 ML63611A Pad Coordinates
Chip center: X = 0, Y = 0 Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 Pad Name L63 L62 L61 L60 L59 L58 L57 L56 L55 L54 L53 L52 L51 L50 L49 L48 L47 L46 L45 L44 L43 L42 L41 L40 L39 L38 L37 L36 RT0 CRT0 RS0 CS0 IN0 X (m) -2109 -1987 -1865 -1742 -1620 -1498 -1376 -1254 -1131 -1009 -887 -765 -643 -520 -398 -276 -154 -32 91 213 335 457 579 702 824 946 1068 1190 1442 1563 1685 1806 2474 Y (m) -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2454 -2474 -2474 -2474 -2474 -2240 Pad No. 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 Pad Name IN1 CS1 RS1 RT1 VDD TST1 TST2 MD MDB P0.0 P0.1 P0.2 P0.3 PA.0 PA.1 PA.2 PA.3 PB.0 PB.1 PB.2 PB.3 PC.0 PC.1 PC.2 PC.3 PE.0 PE.1 PE.2 PE.3 VSS L35 L34 L33 X (m) 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2474 2440 2440 1944 Y (m) -2119 -1997 -1876 -1754 -1517 -1402 -1287 -1157 -1042 -912 -797 -682 -566 -448 -327 -205 -84 38 160 281 403 524 646 767 889 1010 1132 1254 1375 1493 1713 1950 2440
13/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Table 1 ML63611A Pad Coordinates (continued)
Chip center: X = 0, Y = 0 Pad No. 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 Pad Name L32 L31 L30 L29 L28 L27 L26 L25 L24 L23 L22 L21 L20 L19 L18 L17 L16 L15 L14 L13 L12 L11 L10 L9 L8 L7 L6 L5 L4 L3 L2 L1 X (m) 1707 1563 1441 1319 1197 1074 952 830 708 586 463 341 219 97 -25 -148 -270 -392 -514 -636 -759 -881 -1003 -1125 -1247 -1370 -1492 -1614 -1736 -2362 -2362 -2362 Y (m) 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2440 2265 2143 2021 Pad No. 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 Pad Name L0 TRIMB5 TRIMB4 TRIMB3 TRIMDB1 TRIMB2 TRIMB1 TRIMB0 TRIMDB2 TRIM3 TRIM2 TRIMD TRIM1 TRIM0 VDD1 VDD2 VDD3 C1 C2 VCH VXT VHF HC1 HC2 VSS OSC1 OSC0 RESET XT1 XT0 VDD -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 -2474 179 58 -63 -184 -305 -426 -547 -668 -788 -909 -1042 -1175 -1296 -1461 -1596 -1921 -2063 No-connection X (m) -2362 Y (m) 1898
14/49
FEDL63611A-01
OKI Semiconductor
ML63611A
PIN DESCRIPTIONS
The basic functions of each pin of the ML63611A are described in Table 2. A symbol with a slash (/) denotes a pin that has a secondary function. Refer to Table 3 for secondary functions. For type, "--" denotes a power supply pin, "I" an input pin, "O" an output pin, and "I/O" an input-output pin. Table 2 Pin Description (Basic Functions)
Classification Pin name VDD VSS VDD1 VDD2 Pad No. 38, 129 63, 123 113 114 I/O Function Positive power supply Negative power supply Power supply pins for LCD bias voltage (internally generated): A capacitor (1.0 F) should be connected between VDD1 and VSS, between VDD2 and VSS, and between VDD3 and VSS. For the OPTION A, connect VDD1 with VDD; for the OPTION C, connect VDD2 with VDD. Capacitor connection pins for LCD bias voltage generation: A capacitor (1.0 F) should be connected between C1 and C2. Power supply pin for the internal regulator: A capacitor (0.1 F) should be connected between this pin and VSS. Leave this pin open for the OPTION A and OPTION B. Power supply pin for the voltage regulator circuit for low-speed oscillation: A capacitor (1.0 F) should be connected between this pin and VSS. Power supply pin for the voltage regulator circuit for internal logic: A capacitor C1 (1.0 F) should be connected between this pin and VSS. Capacitor connection pins for the halver circuit: A capacitor (0.1 F) should be connected between HC1 and HC2. Leave these pins open for the OPTION A and OPTION B. Low-speed clock oscillation pins: Connect a crystal between XT0 and XT1, and connect capacitor (CG) between XT0 and VSS. High-speed clock oscillation pins: Ceramic oscillation or RC oscillation is selected by the software. In the OPTION A and OPTION B, only RC oscillation is available. If ceramic oscillation is selected, connect a ceramic resonator between OSC0 and OSC1, and connect capacitor (CL0, CL1) between OSC0 and VSS and between OSC1 and VSS. If RC oscillation is selected, connect external oscillation resistor (ROSH) between OSC0 and OSC1. Input pins for testing: A pull-down resistor is internally connected to these pins.
VDD3
115
C1 C2
116 117
Power Supply
VHF
120
--
VXT
119
VCH HC1 HC2 XT0 XT1 OSC0
118 121 122 128 127 125 I O I
Oscillation OSC1 124 O
Test
TST1 TST2
39 40
I
15/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Table 2 Pin Description (Basic Functions) (continued)
Classification Pin name Pad No. I/O Function Reset input pin: 2 kHz sampling circuit is equipped. Holding this pin to "H" level for 1 ms or more puts this device into a reset state. Then, setting this pin to "L" level starts executing an instruction from address 0000H. A pull-down resistor is internally connected to this pin. Melody output pin (Positive logic) Melody output pin (Negative logic): VDD or VSS is selectable for the pin output voltage when melody output is turned off (mask option). 4-bit input port: Pull-up resistor input, pull-down resistor input, or high-impedance input is selectable for each bit. A system reset function is provided that resets the system when there is a simultaneous key depression of multiple bits (mask option). 4-bit input-output ports: I/O In input mode, pull-up resistor input, pull-down resistor input, or high-impedance input is selectable for each bit. In output mode, P-channel open drain output, N-channel open drain output, CMOS output, or high-impedance output is selectable for each bit.
Reset
RESET
126
I
MD Melody MDB P0.0 P0.1 P0.2 P0.3 PA.0 PA.1 PA.2 PA.3 PB.0 PB.1 PB.2 PB.3 PC.0 PC.1 PC.2 PC.3 PE.0 PE.1 PE.2 PE.3
41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 O
I
Port
I/O
I/O
I/O
16/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Table 2 Pin Description (Basic Functions) (continued)
Classification Pin name L0 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 L12 L13 L14 L15 L16 L17 L18 L19 L20 L21 L22 L23 L24 L25 L26 L27 L28 L29 L30 L31 L32/ LP0.3 L33/ LP0.2 L34/ LP0.1 L35/ LP0.0 L36 L37 L38 L39 Pad No. 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 O 65 64 28 27 26 25 These pins can be selected as output pins dedicated to the LCD segment signal (L36 to L39) or common signal output pins by the mask option. The common signal can be selected from among COM1 to COM4. I/O Function These pins can be selected as LCD segment signal output pins (L0 to L3) or common signal output pins by the mask option. The common signal can be selected from among COM1 to COM4. Output pins dedicated to the LCD segment signal (L4 to L31).
O
O
LCD
These pins can be selected as LCD segment signal output pins (L32 to L35) or output port pins (LP0.0 to LP0.3) by the mask option.
O
17/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Table 2 Pin Description (Basic Functions) (continued)
Classification Pin name L40 L41 L42 L43 L44 L45 L46 L47 L48 L49 L50 L51 L52 L53 L54 L55 L56 L57 L58 L59 L60 L61 L62 L63 RT0 CRT0 RS0 CS0 IN0 IN1 CS1 RS1 RT1 Pad No. 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 29 30 31 32 33 34 35 36 37 O I/O Function Output pins dedicated to the LCD segment signal (L40 to L63).
LCD
O
A/D Converter
I
O
Resistance temperature sensor connection pin (for channel 0) Resistance/capacitance temperature sensor connection pin (for channel 0) Reference resistor connection pin (for channel 0) Reference capacitor connection pin (for channel 0) Input pin for RC oscillator circuit (for channel 0) Input pin for RC oscillator circuit (for channel 1) Reference capacitor connection pin (for channel 1) Reference resistor connection pin (for channel 1) Resistance temperature sensor connection pin (for channel 1)
18/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Table 3 shows the secondary functions of each pin of the ML63611A Table 3 Pin Description (Secondary Functions)
Classification Pin name PB.0/INT0 PB.1/INT0 PB.2/INT0 PB.3/INT0 PC.0/INT1 PC.1/INT1 PC.2/INT1 External Interrupt PC.3/INT1 PE.3/INT2 P0.0/INT5 P0.1/INT5 P0.2/INT5 P0.3/INT5 Capture PB.0/TM0CAP PB.1/TM1CAP PB.0/TM0OVF PB.1/TM1OVF PB.2/T02CK PB.3/T13CK PC.0/RXD Pad No. 51 52 53 54 55 56 57 58 62 43 44 45 46 51 52 51 52 53 I 54 55 I I O I I/O Function External 0 interrupt input pins: The change of input signal level causes an interrupt to occur. The Port B Interrupt Enable register (PBIE) enables or disables an interrupt for each bit. External 1 interrupt input pins: The change of input signal level causes an interrupt to occur. The Port C Interrupt Enable register (PCIE) enables or disables an interrupt for each bit. External 2 interrupt input pin: The change of input signal level causes an interrupt to occur. External 5 interrupt input pins: The change of input signal level causes an interrupt to occur. The Port 0 Interrupt Enable register (P0IE) enables or disables an interrupt for each bit. Timer 0 capture trigger input pin Timer 1 capture trigger input pin Timer 0 (TM0) overflow flag output pin Timer 1 (TM1) overflow flag output pin External clock input pin for Timer 0 (TM0) and Timer 2 (TM2) External clock input pin for Timer 1 (TM1) and Timer 3 (TM3) Serial port receive data input pin Sync serial port clock input-output pin: Transmit sync clock input-output pin when a serial port is used synchronously. Transmit clock output when this device is used as a master processor. Transmit clock input when this device is used as a slave processor. Sync serial port clock input-output pin: Receive sync clock input-output pin when a serial port is used synchronously. Receive clock output when this device is used as a master processor. Receive clock input when this device is used as a slave processor. Serial port transmit data output pin Pin for monitoring the RC oscillation clock for the A/D converter Low-speed oscillation clock (TBCCLK) monitoring pin High-speed oscillation clock (HSCLK) monitoring pin
I
I
I
Timer
PC.1/TXC
56
Serial Port
I/O
PC.2/RXC
57
PC.3/TXD PE.0/MON Monitor PE.1/TBCCLK PE.2/HSCLK
58 59 60 61
O O O O
19/49
FEDL63611A-01
OKI Semiconductor
ML63611A
POWER SUPPLY CIRCUIT CONFIGURATION
Figures 6 through 9 show the power supply circuit configuration of OPTION A to D.
VDD
1.3 to 1.7 V Fixed in the hardware
1.5 V
CV
0.1 F Open Open Open
VHF VHF 1/2VDD Halver circuit HC2 HC1 VDD3 VDD2 LCD bias circuit VDD1 C2 C1 C12 C3 C2
1.0 F 1.0 F
1.0 F
XT0 V/R2 0.7 V VXT Low-speed clock generator circuit XT1 VXT VCH V/R1 1.15 V
ENOSC (bit 1 of FCON) = "0" or STV (bit 2 of ADCON0) = "0"
CG
5 to 25 pF 32.768 kHz
CXT CCH
1.0 F 1.0 F
VCH
ENOSC (bit 1 of FCON) = "1" or STV (bit 2 of ADCON0) = "1"
Internal logic circuits (ROM, RAM, CPU, etc.) 30 pF High-speed clock generator circuit
OSC0 OSC1 VSS
CL0 CL1
Ceramic resonator
ML63611A
Figure 6 OPTION A Power Supply Circuit Configuration
20/49
FEDL63611A-01
OKI Semiconductor
ML63611A
VDD
1.3 to 1.7 V Fixed in the hardware
1.5 V
CV
0.1 F Open Open Open
VHF VHF 1/2VDD Halver circuit HC2 HC1 VDD3 VDD2 V/R3 0.95 V VDD1 0.95 V min. 1.19 V max. LCD bias circuit VDD1 C2 C1 C12 C3 C2 C1
1.0 F 1.0 F 1.0 F 1.0 F
XT0 V/R2 0.7 V VXT Low-speed clock generator circuit XT1 VXT VCH V/R1 1.15 V
ENOSC (bit 1 of FCON) = "0" or STV (bit 2 of ADCON0) = "0"
CG
5 to 25 pF 32.768 kHz
CXT CCH
1.0 F 1.0 F
VCH
ENOSC (bit 1 of FCON) = "1" or STV (bit 2 of ADCON0) = "1"
Internal logic circuits (ROM, RAM, CPU, etc.) 30 pF High-speed clock generator circuit
OSC0 OSC1 VSS
CL0 CL1
Ceramic resonator
ML63611A
Figure 7 OPTION B Power Supply Circuit Configuration
21/49
FEDL63611A-01
OKI Semiconductor
ML63611A
VDD
Software selection During heavy load (when VDD = 1.8 to 2.4 V) VH (bit 0 of VHCON) = "1" 1.8 to 3.6 V
3.0 V
CV CHF
0.1 F 0.1 F
VHF HC2 HC1 VDD3 VDD2
VHF
During normal load (when VDD = 2.4 to 3.6 V) VH (bit 0 of VHCON) = "0"
Halver circuit
1/2VDD
CH12 0.1 F C3 C1 C12
1.0 F
LCD bias circuit
VDD1 C2 C1
1.0 F 1.0 F
XT0 V/R2 0.7 V VXT Low-speed clock generator circuit XT1 VXT VCH V/R1 1.15 V
or STV (bit 2 of ADCON0) = "0"
CG
5 to 25 pF 32.768 kHz
CXT CCH
1.0 F 1.0 F
ENOSC (bit 1 of FCON) = "0"
VCH
Internal logic circuits (ROM, RAM, CPU, etc.) 30 pF High-speed clock generator circuit
ENOSC (bit 1 of FCON) = "1" or STV (bit 2 of ADCON0) = "1"
OSC0 OSC1 VSS
CL0 CL1
Ceramic resonator
ML63611A
Figure 8 OPTION C Power Supply Circuit Configuration
22/49
FEDL63611A-01
OKI Semiconductor
ML63611A
VDD
Software selection During heavy load (when VDD = 1.8 to 2.4 V) VH (bit 0 of VHCON) = "1" 1.8 to 3.6 V
3.0 V
CV CHF
0.1 F 0.1 F
VHF HC2 HC1 VDD3 VDD2
VHF
During normal load (when VDD = 2.4 to 3.6 V) VH (bit 0 of VHCON) = "0"
Halver circuit
1/2VDD
CH12 0.1 F C3 C2 C1 C12
1.0 F 1.0 F 1.0 F 1.0 F
V/R3 0.95 V
VDD1
0.95 V min. 1.40 V max.
LCD bias circuit
VDD1 C2 C1
XT0 V/R2 0.7 V VXT Low-speed clock generator circuit XT1 VXT VCH V/R1 1.15 V
ENOSC (bit 1 of FCON) = "0"
or STV (bit 2 of ADCON0) = "0"
CG
5 to 25 pF 32.768 kHz
CXT CCH
1.0 F 1.0 F
VCH
Internal logic circuits (ROM, RAM, CPU, etc.) 30 pF High-speed clock generator circuit
ENOSC (bit 1 of FCON) = "1" or STV (bit 2 of ADCON0) = "1"
OSC0 OSC1 VSS
CL0 CL1
Ceramic resonator
ML63611A
Figure 9 OPTION D Power Supply Circuit Configuration
23/49
FEDL63611A-01
OKI Semiconductor
ML63611A
ELECTRICAL CHARACTERISTICS (3.0 V)
Absolute Maximum Ratings
Parameter Power Supply Voltage 1 Power Supply Voltage 2 Power Supply Voltage 3 Power Supply Voltage 4 Power Supply Voltage 5 Power Supply Voltage 6 Power Supply Voltage 7 Input Voltage 1 Output Voltage 1 Output Voltage 2 Output Voltage 3 Output Voltage 4 Power Dissipation Storage Temperature Symbol VDD1 VDD2 VDD3 VDD VHF VCH VXT VIN1 VOUT1 VOUT2 VOUT3 VOUT4 PD TSTG Condition Ta = 25C Ta = 25C Ta = 25C Ta = 25C Ta = 25C Ta = 25C Ta = 25C VDD input, Ta = 25C VDD1 input, Ta = 25C VDD2 input, Ta = 25C VDD3 input, Ta = 25C VDD input, Ta = 25C Ta = 25C -- (VSS = 0 V) Rating Unit -0.3 to +1.8 V -0.3 to +3.6 V -0.3 to +5.4 V -0.3 to +3.9 V -0.3 to +3.9 V -0.3 to +3.9 V -0.3 to +3.9 V V -0.3 to VDD+0.3 V -0.3 to VDD1+0.3 V -0.3 to VDD2+0.3 V -0.3 to VDD3+0.3 V -0.3 to VDD+0.3 8 mW -55 to +150 C
Recommended Operating Conditions
Parameter Operating Temperature Operating Voltage Crystal Oscillation Frequency High-Speed RC Oscillator Frequency High-Speed Ceramic Oscillation Frequency Symbol TOP VDD fXT fCRH fCH Condition -- -- CG = 5 to 25 pF VDD = 1.8 to 3.6 V, ROSH = 75 k VDD = 1.8 to 3.6 V Range -20 to +70 1.8 to 3.6 32.768k 700k 30% 700k Max. (VSS = 0 V) Unit C V Hz Hz Hz
24/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (1) The regulator for the LCD bias reference is not used.
(VDD = VDD2 = 3.0 V, VSS = 0 V, 1/3 bias, DSPCNT = 0H, Ta = -20 to +70C unless otherwise specified) Measuring Parameter Symbol Condition Min. Typ. Max. Unit Circuit CPU in HALT state, Supply IDD1 LCD is turned OFF -- 0.53 1.2 A Current 1 (High-speed clock oscillation stopped) CPU in HALT state, Supply IDD2 LCD in Power Down mode -- 0.45 0.9 A Current 2 (High-speed clock oscillation stopped) 1 CPU operating, LCD is turned OFF Supply -- 2 4 A IDD3 Current 3 (Low-speed clock oscillation; 32.768 kHz crystal oscillation) CPU operating Supply IDD4 (High-speed clock oscillation; approx. -- 450 700 A Current 4 700 kHz RC oscillation)
The regulator for the LCD bias reference is used
Parameter Supply Current 1 Supply Current 2 Supply Current 3 Supply Current 4 (VDD = 3.0 V, VSS = 0 V, 1/3 bias, DSPCNT = 0H, Ta = -20 to +70C unless otherwise specified) Measuring Symbol Condition Min. Typ. Max. Unit Circuit CPU in HALT state, IDD1 LCD is turned OFF -- 0.70 1.4 A (High-speed clock oscillation stopped) CPU in HALT state, IDD2 LCD in Power Down mode -- 0.45 0.9 A (High-speed clock oscillation stopped) 1 CPU operating, LCD is turned OFF -- 2.2 4.5 A IDD3 (Low-speed clock oscillation; 32.768 kHz crystal oscillation) CPU operating IDD4 (High-speed clock oscillation; approx. -- 450 700 A 700 kHz RC oscillation)
25/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (2) The regulator for the LCD bias reference is not used
Parameter (Pin Name) VDD1 Voltage VDD2 Voltage Symbol VDD1 VDD2 (VDD = VDD 2= 3.0 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Measuring Condition Min. Typ. Max. Unit Circuit 1/3 bias, V Typ.-0.1 1/2 x VDD Typ.+0.1 1/2 bias 1/3 bias, Typ.-0.1 VDD Typ.+0.1 V 1/2 bias 1 1/3 bias Typ.-0.2 V 3/2 x VDD Typ.+0.2 1/2 bias (connected to Typ.-0.1 VDD Typ.+0.1 V VDD2)
VDD3 Voltage
VDD3
The regulator for the LCD bias reference is used
Parameter (Pin Name) VDD1 Voltage VDD1 Voltage Temperature Deviation VDD2 Voltage Symbol VDD1 VDD1 (VDD = 3.0 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Measuring Condition Min. Typ. Max. Unit Circuit 1/3 bias, 1/2 bias 0.85 0.95 1.05 V (Ta = 25C) -- 1/3 bias 1/2 bias (connected to VDD1) 1/3 bias 1/2 bias -- Typ.-0.3 Typ.-0.2 Typ.-0.4 Typ.-0.3 -4 2 x VDD1 VDD1 3 x VDD1 2 x VDD1 -- Typ.+0.3 Typ.+0.2 Typ.+0.4 Typ.+0.3 mV/C V V V V 1
VDD2
VDD3 Voltage
VDD3
26/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (3)
(VDD = 3.0 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Parameter Symbol Condition Min. Typ. (Pin Name) VHF Voltage VHF -- -- 1/2 x VDD (under a normal load) 0.8 1.15 VCH Voltage VCH (under a heavy load) VDD-0.2 VDD Crystal Oscillation start time: Oscillation Start VSTA 1.8 -- within 5 seconds Voltage Crystal Oscillation Hold VHOLD -- 1.8 -- Voltage External Crystal Oscillator CG -- 5 -- Capacitance Internal Crystal Oscillator CD -- 20 25 Capacitance External Ceramic CL0, CL1 700kHz -- 33 Oscillator Capacitance Internal RC Oscillator COS -- 8 12 Capacitance LD1 = 1, LD0 = 1, 2.5 2.6 Ta = 25C LD1 = 1, LD0 = 0, 2.3 2.4 BLD Judgment Ta = 25C VBLDC Voltage LD1 = 0, LD0 = 1, 1.9 2.0 Ta = 25C LD1 = 0, LD0 = 0, 1.7 1.8 Ta = 25C BLD Judgment -- 1.70 Ta = -20 to +25C Voltage VBLDC Temperature -- 1.50 Ta = +25 to +70C Deviation Measuring Circuit
Max. -- 1.5 VDD+0.1 --
Unit V V V V
--
V
25
pF
1
30
pF
--
pF
16 2.7 2.5 2.1 1.9 2.10 2.00
pF V V V V mV/C mV/C --
27/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (4)
(VDD = 3.0 V, VDD1 = 1.50 V, VDD2 = 3.00 V, VDD3 = 4.50 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Parameter Measuring Symbol Condition Min. Typ. Max. Unit (Pin Name) Circuit Output Current 1 (PA.0 to PA.3) VOH1 = VDD-0.5 V -6.0 -3.5 -1.0 mA (PB.0 to PB.3) IOH1 (PC.0 to PC.3) (PE.0 to PE.3) IOL1 VOL1 = 0.5 V 1.0 3.5 6.0 mA Output Current 2 IOH2 VOH2 = VDD-0.7 V -20.0 -11.0 -3.5 mA (MD, MDB) VOL2 = 0.7 V 1.0 3.5 6.0 mA IOL2 IOH3 VOH3 = VDD3-0.2 V (VDD3 level) -- -- -4 A IOMH3 VOMH3 = VDD2+0.2 V (VDD2 level) 4 -- -- A VOMH3S = VDD2-0.2 V (VDD2 level) -- -- -4 A Output Current 3 IOMH3S (L0 to L63) IOML3 VOML3 = VDD1+0.2 V (VDD1 level) 4 -- -- A IOML3S VOML3S = VDD1-0.2 V (VDD1 level) -- -- -4 A VOL3 = VSS+0.2 V (VSS level) 4 -- -- IOL3 A Output Current 4* (L32 to L35) IOH4 IOL4 IOH5R Output Current 5 (OSC1) IOL5R IOH5C IOL5C Output Current 6 (RT0, RT1, RS0, RS1, CRT0, CS0, CS1) Output Leakage Current (PA.0 to PA.3) (PB.0 to PB.3) (PC.0 to PC.3) (PE.0 to PE.3) IOH6 IOL6 IOOH VOH4 = VDD-0.5 V VOL4 = 0.5 V VOH5R = VDD-0.5 V (RC oscillation) VOL5R = 0.5 V (RC oscillation) VOH5C = VDD-0.5 V (ceramic oscillation) VOL5C = 0.5 V (ceramic oscillation) VOH6 = VDD-0.1 V VOL6 = 0.1 V VOH = VDD -12.0 1.0 -2.5 0.25 -500 200 -2.5 0.3 -- -6.5 3.5 -1.3 1.5 -250 500 -0.8 1.3 -- -2.0 6.0 -0.25 2.5 -100 800 -0.3 2.5 0.3 mA mA mA mA A A mA mA A A 2
IOOL
VOL = VSS
-0.3
--
--
* Applies only when L32 to L35 are selected as the output port in a mask option.
28/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (5)
(VDD = 3.0 V, VDD1 = 1.50 V, VDD2 = 3.00 V, VDD3 = 4.50 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Parameter Measuring Symbol Condition Min. Typ. Max. Unit (Pin Name) Circuit IIH1 VIH1 = VDD (when pulled down) 7.5 50 100 A Input Current 1 VIL1 = VSS (P0.0 to P0.3) IIL1 -100 -50 -7.5 A (when pulled up) (PA.0 to PA.3) VIH1 = VDD (PB.0 to PB.3) IIH1Z 0 -- 1 A (in a high impedance state) (PC.0 to PC.3) VIL1 = VSS (PE.0 to PE.3) IIL1Z -1 -- 0 A (in a high impedance state) IIL2 VIL2 = VSS (when pulled up) -350 -170 -30 A IIH2R VIH2R = VDD (RC oscillation) 0 -- 1 A Input Current 2 IIL2R VIL2R = VSS (RC oscillation) -1 -- 0 A (OSC0) 3 IIH2C VIH2C = VDD (ceramic oscillation) 0.5 1.8 4.0 A IIL2C VIL2C = VSS (ceramic oscillation) -4.0 -1.8 -0.5 A IIH3 VIH3 = VDD (when pulled down) 80 250 500 A VIH3 = VDD Input Current 3 IIH3Z 0 -- 1 A (in a high impedance state) (IN0, IN1) VIL3 = VSS -1 -- 0 A IIL3Z (in a high impedance state) Input Current 4 IIH4 VIH4 = VDD 150 1100 2400 A (RESET) VIL4 = VSS -1 -- 0 A IIL4 IIH5 VIH5 = VDD 0.5 3.0 5.5 mA Input Current 5 (TST1, TST2) IIL5 VIL5 = VSS -1.0 -- 0 A
29/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (6)
(VDD = 3.0 V, VDD1 = 1.50 V, VDD2 = 3.00 V, VDD3 = 4.50 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Parameter Measuring Symbol Condition Min. Typ. Max. Unit (Pin Name) Circuit Input Voltage 1 (P0.0 to P0.3) VIH1 -- 2.4 -- 3.0 V (PA.0 to PA.3) (PB.0 to PB.3) (PC.0 to PC.3) VIL1 -- 0 -- 0.6 V (PE.0 to PE.3) Input Voltage 2 VIH2 -- 2.4 -- 3.0 V (OSC0) VIL2 -- 0 -- 0.6 V Input Voltage 3 VIH3 -- 2.4 -- 3.0 V (IN0, IN1) VIL3 -- 0 -- 0.6 V Input Voltage 4 VIH4 -- 2.4 -- 3.0 V (RESET, TST1, 4 VIL4 -- 0 -- 0.6 V TST2) Hysteresis Width 1 (P0.0 to P0.3) (PA.0 to PA.3) -- 0.2 0.5 1.0 V VT1 (PB.0 to PB.3) (PC.0 to PC.3) (PE.0 to PE.3) Hysteresis Width 2 (RESET, TST1, -- 0.2 0.5 1.0 V VT2 TST2) Input Pin Capacitance (P0.0 to P0.3) (PA.0 to PA.3) CIN -- -- -- 5 pF -- (PB.0 to PB.3) (PC.0 to PC.3) (PE.0 to PE.3)
30/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Measuring circuit 1
RT0 HC1 CH12 HC2 C1 C12 C2 1 2 OSC0 OSC1 VSS VDD VDD1 C1 VDD2 C2 VDD3 C3 VCH CCH VHF CHF VXT CXT CS0 RI0 CG
RT0
CS0
IN0
XT0 XT1
32.768 kHz crystal
A
V
CCH, CHT, CXT, C12 C1, C2, C3, CH12 CG CL0, CL1 RT0 CS0 RI0 Ceramic resonator
V
V
V
*1 RC Oscillation
V
: 0.1 F : 1.0 F : 15 pF : 33 pF : 10 k/2 k : 820 pF : 10 k : 700kHz
1 ROSH 2 Ceramic Oscillator CL0 1 Ceramic resonator 2 CL1
Measuring circuit 2
VIH (*3)
(*2)
A INPUT OUTPUT
VIL
VSS
VDD
VDD1
VDD2
VDD3
VCH
VHF
VXT
*2 Input logic circuit to determine a specified state. *3 To be repeated for the specified output pins.
31/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Measuring circuit 3
(*4)
A INPUT OUTPUT
VSS
VDD
VDD1
VDD2
VDD3
VCH
VHF
VXT
Measuring circuit 4
VIH
(*4)
INPUT
OUTPUT
Waveform Monitoring
VIL
VSS
VDD
VDD1
VDD2
VDD3
VCH
VHF
VXT
*4 To be repeated for the specified input pins.
32/49
FEDL63611A-01
OKI Semiconductor
ML63611A
AC Characteristics (Serial Interface, Serial Port) (VDD = 3.0 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Synchronous Communication
Parameter TXC/RXC Input Fall Time TXC/RXC Input Rise Time TXC/RXC Input "L" Level Pulse Width TXC/RXC Input "H" Level Pulse Width TXC/RXC Input Cycle Time TXC/RXC Output Cycle Time TXD Output Delay Time RXD Input Setup Time RXD Input Hold Time Symbol tf tr tCWL tCWH tCYC tCYC (0) tDDR tDS tDH Condition -- -- -- -- -- CPU operating at 32.768 kHz Output load capacitance 10 pF -- -- Min. -- -- 0.8 0.8 2 -- -- 0.5 0.8 Typ. -- -- -- -- -- 30.5 -- -- -- Max. 1 1 -- -- -- -- 0.4 -- -- Unit s s s s s s s s s
Synchronous communication timing ("H" level = 2.4 V, "L" level = 0.6 V)
tCYC TXC (PC.1)/ RXC (PC.2) tr tCWH tDD TXD (PC.3) tDS tDH tDS VDD RXD (PC.0) VSS tDDR VDD VSS tf tCWL VDD VSS
33/49
FEDL63611A-01
OKI Semiconductor
ML63611A
UART Communication
Parameter Transmit Baud Rate Receive Baud Rate Symbol TBRT RBRT Condition TBRT = 1/fBRT TCR = 1/fOSC RBRT = 1/fBRT Min. TBRT--TCR RBRTx0.97 Typ. TBRT RBRT Max. TBRT+TCR RBRTx1.03 Unit s s
fBRT: Baud rates (9600, 4800, 2400 and 1200 bps) UART communication timing ("H" level = 2.4 V, "L" level = 0.6 V)
TBRT TXD(PC.3) RBRT RXD(PC.0) VDD VSS VDD VSS
34/49
FEDL63611A-01
OKI Semiconductor
ML63611A
AC Characteristics (RC Oscillation Type A/D Converter)
(VDD = 3.0 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Parameter (Pin Name) Symbol RS0, RS1, RT0, RT0-1, RT1 RI0, Rl1 fOSC1 fOSC2 fOSC3 RS*RT Oscillation Frequency Ratio (*) Kf1 Kf2 Kf3 Condition Min. Typ. Max. Unit Measuring Circuit
Resistor for Oscillation
CS0, CT0, CS1 740 pF
1
--
--
k
Input Current Limiting Resistor Oscillation Frequency
-- Resistor for oscillation = 2 k Resistor for oscillation = 10 k Resistor for oscillation = 200 k RT0, RT0-1, RT1 = 2 k RT0, RT0-1, RT1 = 10 k RT0, RT0-1, RT1 = 200 k
1 170 38.0 2.30 3.9 0.990 0.057
10 210 47.0 2.80 4.2 1.0 0.061
-- 250 56.0 3.30 4.5 1.010 0.065
k kHz kHz kHz -- -- -- 5
* Kfx is the ratio of the oscillation frequency by a sensor resistor to the oscillation frequency by a reference resistor in the same condition.
fOSCX (RT0 - CS0 Oscillation) fOSCX (RS0 - CS0 Oscillation) , fOSCX (RT0-1 - CS0 Oscillation) Kfx = fOSCX (RS0 - CS0 Oscillation) , fOSCX (RT1 - CS1 Oscillation) fOSCX (RS1 - CS1 Oscillation)
(x = 1, 2, 3) Measuring circuit 5
(CROSC1) (CROSC0)
RT0-1
RI1
RS1
CS1
RI0
CS0
RS0
RT1
CT0
Oscillation Mode Specified
RT1 RS1 CS1 IN1
IN0 CS0 RS0
CRT0
RT0
RT0
RESET TST1 TST2 P0.0 P0.1 P0.2 P0.3 VDD
PE.0
Frequency Measurement (fOSCX)
D.U.T
RT0,RT0-1,RT1=2 k / 10 k / 200 k RS0,RS1=10 k RI0,RI1=10 k CS0,CT0,CS1 = 820 pF
VSS
35/49
FEDL63611A-01
OKI Semiconductor
ML63611A
ELECTRICAL CHARACTERISTICS (1.5 V)
Absolute Maximum Ratings
Parameter Power Supply Voltage 1 Power Supply Voltage 2 Power Supply Voltage 3 Power Supply Voltage 4 Power Supply Voltage 5 Power Supply Voltage 6 Input Voltage 1 Output Voltage 1 Output Voltage 2 Output Voltage 3 Output Voltage 4 Power Dissipation Storage Temperature Symbol VDD1 VDD2 VDD3 VDD VCH VXT VIN1 VOUT1 VOUT2 VOUT3 VOUT4 PD TSTG Condition Ta = 25C Ta = 25C Ta = 25C Ta = 25C Ta = 25C Ta = 25C VDD input, Ta = 25C VDD1 input, Ta = 25C VDD2 input, Ta = 25C VDD3 input, Ta = 25C VDD input, Ta = 25C Ta = 25C -- (VSS = 0 V) Rating Unit -0.3 to +1.8 V -0.3 to +3.4 V -0.3 to +5.1 V -0.3 to +2.0 V -0.3 to +2.0 V -0.3 to +2.0 V V -0.3 to VDD+0.3 -0.3 to VDD1+0.3 -0.3 to VDD2+0.3 -0.3 to VDD3+0.3 -0.3 to VDD+0.3 1 -55 to +150 V V V V mW C
Recommended Operating Conditions (VSS = 0 V)
Parameter Operating Temperature Operating Voltage Crystal Oscillation Frequency High-Speed RC Oscillator Frequency Symbol TOP VDD fXT fCRH Condition -- -- CG = 5 to 25 pF VDD = 1.3 to 1.7V, ROSH = 200 k Range -20 to +70 1.3 to 1.7 32.768 k 200 k 30 % Unit C V Hz Hz
36/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (1) The regulator for the LCD bias reference is not used. (VDD = VDD1 = 1.5 V, VSS = 0 V, 1/3 bias, DSPCNT = 0H, Ta = -20 to +70C unless otherwise specified)
Parameter Supply Current 1 Supply Current 2 Supply Current 3 Supply Current 4 Symbol IDD1 Condition CPU in HALT state, LCD is turned OFF (High-speed clock oscillation stopped) CPU in HALT state, LCD in Power Down mode (High-speed clock oscillation stopped) CPU operating, LCD is turned OFF (Low-speed clock oscillation; 32.768 kHz crystal oscillation) CPU operating (High-speed clock oscillation; approx. 200 kHz RC oscillation) Min. -- Typ. 1.4 Max. 2.8 Unit A Measuring Circuit
IDD2
--
0.9
1.8
A 1
IDD3
--
4.0
8.0
A
IDD4
--
80
150
A
The regulator for the LCD bias reference is used.
Parameter Supply Current 1 (VDD = 1.5 V, VSS = 0 V, 1/3 bais, DSPCNT = 0H, Ta = -20 to +70C unless otherwise specified) Measuring Symbol Condition Min. Typ. Max. Unit Circuit CPU in HALT state, LCD is turned OFF -- 1.6 3.0 A IDD1 (High-speed clock oscillation stopped) CPU in HALT state, LCD in Power Down mode IDD2 -- 0.9 1.8 A (High-speed clock oscillation stopped) 1 CPU operating, LCD is turned OFF IDD3 -- 4.2 8.5 A (Low-speed clock oscillation; 32.768 kHz crystal oscillation) CPU operating (High-speed clock oscillation; approx. -- 80 150 A IDD4 200 kHz RC oscillation)
Supply Current 2
Supply Current 3 Supply Current 4
37/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (2) The regulator for the LCD bias reference is not used.
Parameter (Pin Name) VDD1 Voltage VDD2 Voltage VDD3 Voltage Symbol VDD1 VDD2 VDD3 (VDD = VDD 1= 1.5 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Measuring Condition Min. Typ. Max. Unit Circuit 1/3 bias, Typ.+0.1 V Typ.-0.1 VDD 1/2 bias 1/3 bias Typ.-0.2 Typ.+0.2 V 2 x VDD 1/2 bias 1 Typ.-0.1 VDD Typ.+0.1 V (connected to VDD1) 1/3 bias Typ.-0.3 Typ.+0.3 V 3 x VDD 1/2 bias Typ.-0.2 Typ.+0.2 V 2 x VDD
The regulator for the LCD bias reference is used.
Parameter (Pin Name) VDD1 Voltage VDD1 Voltage Temperature Deviation VDD2 Voltage VDD3 Voltage Symbol VDD1 VDD1 (VDD = 1.5 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Measuring Condition Min. Typ. Max. Unit Circuit 1/3 bias, 1/2 bias 0.85 0.95 1.05 V (Ta = 25C) -- 1/3 bias 1/2 bias (connected to VDD1) 1/3 bias 1/2 bias -- Typ.-0.3 Typ.-0.2 Typ.-0.4 Typ.-0.3 -4 2 x VDD1 VDD1 3 x VDD1 2 x VDD1 -- Typ.+0.3 Typ.+0.2 Typ.+0.4 Typ.+0.3 mV/ C V V V V
1
VDD2 VDD3
38/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (3)
Parameter (Pin Name) VCH Voltage (VDD = 1.5 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Measuring Condition Min. Typ. Max. Unit Circuit (under a normal 0.8 1.15 1.5 V load) (under a heavy VDD VDD+0.1 V VDD-0.2 load) Oscillation start time: 1.3 -- -- V within 5 seconds -- -- 1.3 5 -- -- -- 25 V 1 CG pF
Symbol
VCH
Crystal Oscillation Start Voltage Crystal Oscillation Hold Voltage External Crystal Oscillator Capacitance Internal Crystal Oscillator Capacitance Internal RC Oscillator Capacitance
VSTA VHOLD
CD
--
20
25
30
pF
COS
--
8
12
16
pF
39/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (4)
(VDD = 1.5 V, VDD1 =1.50 V, VDD2 = 3.00 V, VDD3 = 4.50 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Parameter Measuring Symbol Condition Min. Typ. Max. Unit (Pin Name) Circuit Output Current 1 (PA.0 to PA.3) IOH1 VOH1 = VDD -0.5 V -2.5 -1.4 -0.4 mA (PB.0 to PB.3) (PC.0 to PC.3) IOL1 VOL1 = 0.5 V 0.4 1.4 2.5 mA (PE.0 to PE.3) Output Current 2 IOH2 VOH2 = VDD -0.7 V -4.0 -2.0 -0.5 mA (MD,MDB) IOL2 VOL2 = 0.7 V 0.5 2.0 4.0 mA IOH3 VOH3 = VDD3-0.2 V (VDD3 level) -- -- -4 A IOMH3 VOMH3 = VDD2 +0.2 V (VDD2 level) 4 -- -- A VOMH3S = VDD2 -0.2 V (VDD2 level) -- -- -4 A Output Current 3 IOMH3S (L0 to L63) IOML3 VOML3 = VDD1 +0.2 V (VDD1 level) 4 -- -- A IOML3S VOML3S = VDD1 -0.2 V (VDD1 level) -- -- -4 A IOL3 VOL3 = VSS +0.2 V (VSS level) 4 -- -- A Output Current IOH4 VOH4 = VDD -0.5 V -3.5 -1.7 -0.6 mA 2 4* (L32 to L35) VOL4 = 0.5 V 0.4 1.4 2.5 mA IOL4 VOH5R = VDD -0.5 V Output Current 5 IOH5R -1.4 -0.7 -0.1 mA (RC oscillation) (OSC1) IOL5R VOL5R = 0.5 V (RC oscillation) 0.1 0.8 1.4 mA Output Current 6 IOH6 VOH6 = VDD -0.1 V -1.1 -0.4 -0.1 mA (RT0,RT1,RS0 , RS1,CRT0, VOL6 = 0.1 V 0.1 0.6 1.2 mA IOL6 CS0,CS1) Output Leakage IOOH VOH = VDD -- -- 0.3 A Current (PA.0 to PA.3) (PB.0 to PB.3) IOOL VOL = VSS -0.3 -- -- (PC.0 to PC.3) A (PE.0 to PE.3)
* Applies only when L32 to L35 are selected as the output port in a mask option.
40/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (5)
(VDD = 1.5 V, VDD1 =1.50 V, VDD2 = 3.00 V, VDD3 = 4.50 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Parameter Measuring Symbol Condition Min. Typ. Max. Unit (Pin Name) Circuit Input Current 1 (P0.0 to P0.3) (PA.0 to PA.3) (PB.0 to PB.3) (PC.0 to PC.3) (PE.0 to PE.3) Input Current 2 (OSC0) IIH1 IIL1 IIH1Z IIL1Z IIL2 IIH2R IIL2R IIH3 IIH3Z IIL3Z Input Current 4 (RESET) Input Current 5 (TST1, TST2) IIH4 IIL4 IIH5 IIL5 VIH1 = VDD (when pulled down) VIL1 = VSS (when pulled up) VIH1 = VDD (in a high impedance state) VIL1 = VSS (in a high impedance state) VIL2 = VSS (when pulled up) VIH2R = VDD (RC oscillation) VIL2R = VSS (RC oscillation) VIH3 = VDD (when pulled up) VIH3 = VDD (in a high impedance state) VIL3 = VSS (in a high impedance state) VIH4 = VDD VIL4 = VSS VIH5 = VDD VIL5 = VSS 1.2 -11.0 0 -1 -100 0 -1 10 0 -1 10 -1 50 -1.0 5.0 -5.0 -- -- -50 -- -- 50 -- -- 180 -- 750 -- 11.0 -1.2 1 0 -10 1 0 100 1 0 350 0 1500 0 A A A A A A A A A A A A A A
3
Input Current 3 (IN0, IN1)
41/49
FEDL63611A-01
OKI Semiconductor
ML63611A
DC Characteristics (6)
(VDD = 1.5 V, VDD1 =1.50 V, VDD2 = 3.00 V, VDD3 = 4.50 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Parameter Measuring Symbol Condition Min. Typ. Max. Unit (Pin Name) Circuit Input Voltage 1 (P0.0 to P0.3) VIH1 -- 1.2 -- 1.5 V (PA.0 to PA.3) (PB.0 to PB.3) (PC.0 to PC.3) -- 0 -- 0.3 V VIL1 (PE.0 to PE.3) Input Voltage 2 VIH2 -- 1.2 -- 1.5 V (OSC0) VIL2 -- 0 -- 0.3 V Input Voltage 3 VIH3 -- 1.2 -- 1.5 V (IN0, IN1) -- 0 -- 0.3 V VIL3 Input Voltage 4 VIH4 -- 1.2 -- 1.5 V 4 (RESET, TST1, VIL4 -- 0 -- 0.3 V TST2) Hysteresis Width 1 (P0.0 to P0.3) (PA.0 to PA.3) -- 0.05 0.1 0.3 V VT1 (PB.0 to PB.3) (PC.0 to PC.3) (PE.0 to PE.3) Hysteresis Width 2 -- 0.05 0.1 0.3 V (RESET, TST1, VT2 TST2) Input Pin Capacitance (P0.0 to P0.3) (PA.0 to PA.3) CIN -- -- -- 5 pF -- (PB.0 to PB.3) (PC.0 to PC.3) (PE.0 to PE.3)
42/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Measuring circuit 1
RT0 RT0 C1 C12 C2
1 (*1) 2
CS0 CS0
RI0 IN0 CG XT0 XT1
32.768 kHz crystal
OSC0 OSC1 VSS VDD A VDD1 C1 V VDD2 C2 V VDD3 C3 V CCH V VCH VXT CXT
CCH,CXT C1,C2,C3,C12 CG RT0 CS0 RI0
: : : : : :
0.1 F 1.0 F 15 pF 10 k / 2 k 820 pF 10 k
*1 RC Oscillation
1
ROSH
2
Measuring circuit 2
VIH (*3)
(*2)
A INPUT OUTPUT
VIL
VSS
VDD
VDD1
VDD2
VDD3
VCH
VHF
VXT
*2 Input logic circuit to determine a specified state. *3 To be repeated for the specified output pins.
43/49
FEDL63611A-01
OKI Semiconductor
ML63611A
Measuring circuit 3
(*4)
A INPUT OUTPUT
VSS
VDD
VDD1
VDD2
VDD3
VCH
VHF
VXT
Measuring circuit 4
VIH
(*4)
INPUT
OUTPUT
Waveform Monitoring
VIL
VSS
VDD
VDD1
VDD2
VDD3
VCH
VHF
VXT
*4 To be repeated for the specified input pins.
44/49
FEDL63611A-01
OKI Semiconductor
ML63611A
AC Characteristics (Serial Interface, Serial Port) (VDD = 1.5 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Synchronous Communication
Parameter TXC/RXC Input Fall Time TXC/RXC Input Rise Time TXC/RXC Input "L" Level Pulse Width TXC/RXC Input "H" Level Pulse Width TXC/RXC Input Cycle Time TXC/RXC Output Cycle Time TXD Output Delay Time RXD Input Setup Time RXD Input Hold Time Symbol tf tr tCWL tCWH tCYC tCYC (0) tDDR tDS tDH Condition -- -- -- -- -- CPU operating at 32.768 kHz Output load capacitance 10 pF -- -- Min. -- -- 0.8 0.8 2 -- -- 0.5 0.8 Typ. -- -- -- -- -- 30.5 -- -- -- Max. 1 1 -- -- -- -- 0.4 -- -- Unit s s s s s s s s s
Synchronous communication timing ("H" level = 1.2 V, "L" level = 0.3 V)
tCYC TXC (PC.1)/ RXC (PC.2) tr tCWH tDD TXD (PC.3) tDS tDH tDS VDD RXD (PC.0) VSS tDDR VDD VSS tf tCWL VDD VSS
45/49
FEDL63611A-01
OKI Semiconductor
ML63611A
UART Communication
Parameter Transmit Baud Rate Receive Baud Rate Symbol TBRT RBRT Condition TBRT = 1/fBRT TCR = 1/fOSC RBRT = 1/fBRT Min. TBRT--TCR RBRTx0.97 Typ. TBRT RBRT Max. TBRT+TCR RBRTx1.03 Unit s s
fBRT: Baud rates (9600, 4800, 2400 and 1200bps) UART communication timing ("H" level = 1.2 V, "L" level = 0.3 V)
TBRT TXD(PC.3) RBRT RXD(PC.0) VDD VSS VDD VSS
46/49
FEDL63611A-01
OKI Semiconductor
ML63611A
AC Characteristics (RC Oscillation Type A/D Converter)
(VDD = 1.5 V, VSS = 0 V, Ta = -20 to +70C unless otherwise specified) Measuring Condition Min. Typ. Max. Unit Circuit CS0, CT0, CS1 740 pF 1 -- -- k
Parameter Resistor for Oscillation Input Current Limiting Resistor Oscillation Frequency RS*RT Oscillation Frequency Ratio (*)
Symbol RS0, RS1, RT0, RT0-1, RT1 RI0, RI1 fOSC1 fOSC2 fOSC3 Kf1 Kf2 Kf3
-- Resistor for Oscillation = 2 k Resistor for Oscillation = 10 k Resistor for Oscillation = 200 k RT0, RT0-1, RT1 = 2 k RT0, RT0-1, RT1 = 10 k RT0, RT0-1, RT1 = 200 k
1 180 41.0 2.30 3.9 0.990 0.053
10 220 50.0 2.80 4.2 1.0 0.057
-- 260 59.0 3.30 4.5 1.010 0.061
k kHz kHz kHz -- -- -- 5
Kfx is the ratio of the oscillation frequency by a sensor resistor to the oscillation frequency by a reference resistor in the same condition.
fOSCX (RT0 - CS0 Oscillation) Kfx = fOSCX (RS0 - CS0 Oscillation) , fOSCX (RT0-1 - CS0 Oscillation) fOSCX (RS0 - CS0 Oscillation) , (x = 1, 2, 3) fOSCX (RT1 - CS1 Oscillation) fOSCX (RS1 - CS1 Oscillation)
Measuring circuit 5
(CROSC1) (CROSC0)
RT0-1
RI1
RS1
CS1
RI0
CS0
RS0
RT1
CT0
Oscillation Mode Specified
RT1 RS1 CS1 IN1
IN0 CS0 RS0
CRT0
RT0
RT0
RESET TST1 TST2 P0.0 P0.1 P0.2 P0.3 VDD
PE.0
Frequency Measurement (fOSCX)
D.U.T
RT0,RT0-1,RT1=2 kW / 10 kW / 200 kW RS0,RS1=10 kW RI0,RI1=10 kW CS0,CT0,CS1 = 820 pF
VSS
47/49
FEDL63611A-01
OKI Semiconductor
ML63611A
REVISION HISTORY
Document No.
FEDL63611A-01
Date
Jan 28. 2004
Page Previous Current Edition Edition
- - Final edition 1
Description
48/49
FEDL63611A-01
OKI Semiconductor
ML63611A
NOTICE 1. The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-to-date. 2. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. 3. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. 4. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. 5. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. 6. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not, unless specifically authorized by Oki, authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. 7. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. 8. No part of the contents contained herein may be reprinted or reproduced without our prior permission. Copyright 2004 Oki Electric Industry Co., Ltd.
49/49


▲Up To Search▲   

 
Price & Availability of ML63611A-XXXWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X